Part Number Hot Search : 
LB1695M BD25B DCJ010 NH1302A T121020 KSB1366 LB1665 PTB200
Product Description
Full Text Search
 

To Download AT28C64B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 features ? fast read access time ? 150 ns  automatic page write operation ? internal address and data latches for 64 bytes  fast write cycle times ? page write cycle time: 10 ms maximum (standard) 2 ms maximum (option) ? 1 to 64-byte page write operation  low power dissipation ? 40 ma active current ?100 a cmos standby current  hardware and software data protection  data polling and toggle bit for end of write detection  high reliability cmos technology ? endurance: 100,000 cycles ? data retention: 10 years  single 5 v 10% supply  cmos and ttl compatible inputs and outputs  jedec approved byte-wide pinout  commercial and industrial temperature ranges description the AT28C64B is a high-performance electrically-erasable and programmable read only memory (eeprom). its 64k of memory is organized as 8,192 words by 8 bits. manufactured with atmel?s advanced nonvolatile cmos technology, the device offers 64k (8k x 8) parallel eeprom with page write and software data protection AT28C64B rev. 0270i?peepr?08/03 pin configurations pin name function a0 - a12 addresses ce chip enable oe output enable we write enable i/o0 - i/o7 data inputs/outputs nc no connect dc don?t connect pdip, soic top v iew 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15 nc a12 a7 a6 a5 a4 a3 a2 a1 a0 i/o0 i/o1 i/o2 gnd vcc we nc a8 a9 a11 oe a10 ce i/o7 i/o6 i/o5 i/o4 i/o3 tsop top view 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15 oe a11 a9 a8 nc we vcc nc a12 a7 a6 a5 a4 a3 a10 ce i/o7 i/o6 i/o5 i/o4 i/o3 gnd i/o2 i/o1 i/o0 a0 a1 a2 plcc top view note: plcc package pins 1 and 17 are don?t connect. 5 6 7 8 9 10 11 12 13 29 28 27 26 25 24 23 22 21 a6 a5 a4 a3 a2 a1 a0 nc i/o0 a8 a9 a11 nc oe a10 ce i/o7 i/o6 4 3 2 1 32 31 30 14 15 16 17 18 19 20 i/o1 i/o2 gnd dc i/o3 i/o4 i/o5 a7 a12 nc dc vcc we nc
2 AT28C64B 0270i?peepr?08/03 access times to 150 ns with power dissipation of just 220 mw. when the device is dese- lected, the cmos standby current is less than 100 a. the AT28C64B is accessed like a static ram for the read or write cycle without the need for external components. the device contains a 64-byte page register to allow writ- ing of up to 64 bytes simultaneously. during a write cycle, the addresses and 1 to 64 bytes of data are internally latched, freeing the address and data bus for other opera- tions. following the initiation of a write cycle, the device will automatically write the latched data using an internal control timer. the end of a write cycle can be detected by data polling of i/o 7 . once the end of a write cycle has been detected, a new access for a read or write can begin. atmel?s AT28C64B has additional features to ensure high quality and manufacturability. the device utilizes internal error correction for extended endurance and improved data retention characteristics. an optional software data protection mechanism is available to guard against inadvertent writes. the device also includes an extra 64 bytes of eeprom for device i dentification or tracking. block diagram vcc gnd oe we ce address inputs x decoder y decoder oe, ce and we logic data inputs/outputs i/o0 - i/o7 data latch input/output buffers y-gating cell matrix identification absolute maximum ratings* temperature under bias ................................ -55c to +125c *notice: stresses beyond those listed under ?absolute maximum ratings? may cause permanent dam- age to the device. this is a stress rating only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability storage temperature ..................................... -65c to +150c all input voltages (including nc pins) with respect to ground .................................-0.6 v to +6.25 v all output voltages with respect to ground ...........................-0.6 v to v cc + 0.6 v voltage on oe and a9 with respect to ground ..................................-0.6 v to +13.5v
3 AT28C64B 0270i?peepr?08/03 device operation read: the AT28C64B is accessed like a static ram. when ce and oe are low and we is high, the data stored at the memory location determined by the address pins is asserted on the outputs. the outputs are put in the high-impedance state when either ce or oe is high. this dual line control gives designers flexibility in preventing bus con- tention in their systems. byte write: a low pulse on the we or ce input with ce or we low (respectively) and oe high initiates a write cycle. the addre ss is latched on the falling edge of ce or we , whichever occurs last. the data is latched by the first rising edge of ce or we . once a byte write has been started, it will automatically time itself to completion. once a pro- gramming operation has been initiated and for the duration of t wc , a read operation will effectively be a polling operation. page wr it e: the page write operation of the AT28C64B allows 1 to 64 bytes of data to be written into the device during a single internal programming period. a page write operation is initiated in the same manner as a byte write; after the first byte is written, it can then be followed by 1 to 63 additional bytes. each successive byte must be loaded within 150 s (t blc ) of the previous byte. if the t blc limit is exceeded, the AT28C64B will cease accepting data and commence the internal programming operation. all bytes dur- ing a page write operation must reside on the same page as defined by the state of the a6 to a12 inputs. for each we high to low transition during the page write operation, a6 to a12 must be the same. the a0 to a5 inputs specify which bytes within the page are to be written. the bytes may be loaded in any order and may be altered within the same load period. only bytes which are specified for writing will be written; unnecessary cycling of other bytes within the page does not occur. data polling: the AT28C64B features data polling to indicate the end of a write cycle. during a byte or page write cycle an attempted read of the last byte written will result in the complement of the written data to be presented on i/o 7 . once the write cycle has been completed, true data is valid on all outputs, and the next write cycle may begin. data polling may begin at any time during the write cycle. toggle bit: in addition to data polling, the AT28C64B provides another method for determining the end of a write cycle. during the write operation, successive attempts to read data from the device will result in i/o 6 toggling between one and zero. once the write has completed, i/o 6 will stop toggling, and valid data will be read. toggle bit read- ing may begin at any time during the write cycle. data protection: if precautions are not taken, inadvertent writes may occur during transitions of the host system power supply. atmel has incorporated both hardware and software features that will protect the memory against inadvertent writes. hardware data protection: hardware features protect against inadvertent writes to the AT28C64B in the following ways: (a) v cc sense ? if v cc is below 3.8 v (typ- ical), the write function is inhibited; (b) v cc power-on delay ? once v cc has reached 3.8 v, the device will automatically time out 5 ms (typical) before allowing a write; (c) write inhibit ? holding any one of oe low, ce high, or we high inhibits write cycles; and (d) noise filter ? pulses of less than 15 ns (typical) on the we or ce inputs will not initiate a write cycle. software data protection: a software controlled data protection feature has been implemented on the AT28C64B. when enabled, the software data protection (sdp), will prevent inadvertent writes. the sdp feature may be enabled or disabled by the user; the AT28C64B is shipped from atmel with sdp disabled. sdp is enabled by the user issuing a series of three write commands in which three specific bytes of data are written to three specific addresses (see ?software data pro-
4 AT28C64B 0270i?peepr?08/03 tection algorithms? on page 9.). after writing the 3-byte command sequence and waiting t wc , the entire AT28C64B will be protected against inadvertent writes. it should be noted that even after sdp is enabled, the user may still perform a byte or page write to the AT28C64B by preceding the data to be written by the same 3-byte command sequence used to enable sdp. once set, sdp remains active unless the disable command sequence is issued. power transitions do not disable sdp, and sdp protects the AT28C64B during power-up and power-down conditions. all command sequences must conform to the page write timing specifications. the data in the enable and disable command sequences is not actually written into the device; their addresses may still be written with user data in either a byte or page write operation. after setting sdp, any attempt to write to the device without the 3-byte command sequence will start the internal write timers. no data will be written to the device. how- ever, for the duration of t wc , read operations w ill effectively be polling operations. device identification: an extra 64 bytes of eeprom memory are available to the user for device identification. by raising a9 to 12 v 0.5 v and using address locations 1fc0h to 1fffh, the additional bytes may be written to or read from in the same man- ner as the regular memory array. notes: 1. x can be v il or v ih . 2. see ?ac write waveforms? on page 7. 3. v h = 12.0 v 0.5 v. dc and ac operating range AT28C64B-15 AT28C64B-20 AT28C64B-25 operating temperature (case) com. 0c - 70c 0c - 70c 0c - 70c ind. -40c - 85c -40c - 85c -40c - 85c v cc power supply 5 v 10% 5 v 10% 5 v 10% operating modes mode ce oe we i/o read v il v il v ih d out write (2) v il v ih v il d in standby/write inhibit v ih x (1) xhigh z write inhibit x x v ih write inhibit x v il x output disable x v ih xhigh z chip erase v il v h (3) v il high z
5 AT28C64B 0270i?peepr?08/03 ac read waveforms (1)(2)(3)(4) notes: 1. ce may be delayed up to t acc - t ce after the address transition without impact on t acc . 2. oe may be delayed up to t ce - t oe after the falling edge of ce without impact on t ce or by t acc - t oe after an address change without impact on t acc . 3. t df is specified from oe or ce whichever occurs first (c l = 5 pf). 4. this parameter is characterized and is not 100% tested. dc characteristics symbol parameter condition min max units i li input load current v in = 0 v to v cc + 1 v 10 a i lo output leakage current v i/o = 0 v to v cc 10 a i sb1 v cc standby current cmos ce = v cc - 0.3 v to v cc + 1 v com., ind. 100 a i sb2 v cc standby current ttl ce = 2.0 v to v cc + 1 v 2 ma i cc v cc active current f = 5 mhz; i out = 0 ma 40 ma v il input low voltage 0.8 v v ih input high voltage 2.0 v v ol output low voltage i ol = 2.1 ma 0.40 v v oh output high voltage i oh = -400 a 2.4 v ac read characteristics symbol parameter AT28C64B-15 AT28C64B-20 AT28C64B-25 units min max min max min max t acc address to output delay 150 200 250 ns t ce (1) ce to output delay 150 200 250 ns t oe (2) oe to output delay 0 70 0 80 0 100 ns t df (3)(4) ce or oe to output float 050055060ns t oh output hold from oe , ce or address, whichever occurred first 000ns t ce t oe t acc t df t oh oe ce address output output valid address valid high z
6 AT28C64B 0270i?peepr?08/03 input test waveforms and measurement level output test load note: 1. this parameter is characterized and is not 100% tested. t r , t f < 5 ns pin capacitance f = 1 mhz, t = 25c (1) symbol typ max units conditions c in 46pfv in = 0 v c out 812pfv out = 0 v ac write characteristics symbol parameter min max units t as , t oes address, oe setup time 0 ns t ah address hold time 50 ns t cs chip select setup time 0 ns t ch chip select hold time 0 ns t wp write pulse width (we or ce ) 100 ns t ds data setup time 50 ns t dh , t oeh data, oe hold time 0 ns
7 AT28C64B 0270i?peepr?08/03 ac write waveforms we controlled ce controlled oe we ce address data in t cs t oes t as t dh t oeh t ah t wp t ds t ch oe we ce address data in t cs t oes t as t dh t oeh t ah t wp t ds t ch
8 AT28C64B 0270i?peepr?08/03 page mode write waveforms (1)(2) notes: 1. a6 through a12 must specify the same page address during each high to low transition of we (or ce ). 2. oe must be high only when we and ce are both low. page mode characteristics symbol parameter min max units t wc write cycle time 10 ms t wc write cycle time (option available; contact atmel sales office for ordering part number) 2ms t as address setup time 0 ns t ah address hold time 50 ns t ds data setup time 50 ns t dh data hold time 0 ns t wp write pulse width 100 ns t blc byte load cycle time 150 s t wph write pulse width high 50 ns oe we ce a0 -a12 data t as valid add valid data t ah t ds t wp t wph t dh t blc t wc
9 AT28C64B 0270i?peepr?08/03 chip erase waveforms t s = t h = 1 s (min.) t w = 10 ms (min.) v h = 12.0 v 0.5 v software data protection algorithms software data protection enable algorithm (1) note: 1. notes for software program code: 2. data format: i/o7 - i/o0 (hex); address format: a12 - a0 (hex). 3. write protect state will be activated at end of write even if no other data is loaded. 4. write protect state will be deactivated at end of write period even if no other data is loaded. 5. 1 to 64 bytes of data are loaded. t s t w t h load data aa to address 1555 load data 55 to address 0aaa load data a0 to address 1555 load data xx to any address (4) load last byte to last address enter data protect state writes enabled (2)
10 AT28C64B 0270i?peepr?08/03 software data protection disable algorithm (1) note: 1. notes for software program code: 2. data format: i/o7 - i/o0 (hex); address format: a12 - a0 (hex). 3. write protect state will be activated at end of write even if no other data is loaded. 4. write protect state will be deactivated at end of write period even if no other data is loaded. 5. 1 to 64 bytes of data are loaded. load data aa to address 1555 load data 55 to address 0aaa load data 80 to address 1555 load data aa to address 1555 load data 20 to address 1555 load data xx to any address (4) load last byte to last address load data 55 to address 0aaa exit data protect state (3)
11 AT28C64B 0270i?peepr?08/03 software protected write cycle waveforms (1)(2) notes: 1. a6 through a12 must specify the same page address during each high to low transition of we (or ce ) after the software code has been entered. 2. oe must be high only when we and ce are both low. oe we ce a6 - a12 data a0 -a5 t as t ah t ds t dh t wp t wph t blc t wc
12 AT28C64B 0270i?peepr?08/03 notes: 1. these parameters are characterized and not 100% tested. see ?ac read characteristics? on page 5. data polling waveforms data polling characteristics (1) symbol parameter min typ max units t dh data hold time 0 ns t oeh oe hold time 0 ns t oe oe to output delay (1) ns t wr write recovery time 0 ns t dh t oe t oeh t wr
13 AT28C64B 0270i?peepr?08/03 notes: 1. these parameters are characterized and not 100% tested. 2. see ?ac read characteristics? on page 5. toggle bit waveforms (1)(2)(3) notes: 1. toggling either oe or ce or both oe and ce will operate toggle bit. 2. beginning and ending state of i/o6 will vary. 3. any address location may be used but the address should not vary. toggle bit characteristics (1) symbol parameter min typ max units t dh data hold time 10 ns t oeh oe hold time 10 ns t oe oe to output delay (2) ns t oehp oe high pulse 150 ns t wr write recovery time 0 ns t dh t wr t oe t oeh t oehp
14 AT28C64B 0270i?peepr?08/03
15 AT28C64B 0270i?peepr?08/03 note: 1. see ?valid part numbers? on page 15. ordering information (1) t acc (ns) i cc (ma) ordering code package operation range active standby 150 40 0.1 AT28C64B-15jc AT28C64B-15pc AT28C64B-15sc AT28C64B-15tc 32j 28p6 28s 28t commercial (0 c to 70 c) AT28C64B-15ji AT28C64B-15pi AT28C64B-15si AT28C64B-15ti 32j 28p6 28s 28t industrial (-40 c to 85 c) 200 40 0.1 AT28C64B-20jc AT28C64B-20pc AT28C64B-20sc AT28C64B-20tc 32j 28p6 28s 28t commercial (0 c to 70 c) AT28C64B-20ji AT28C64B-20pi AT28C64B-20si AT28C64B-20ti 32j 28p6 28s 28t industrial (-40 c to 85 c) 250 40 0.1 AT28C64B-25jc AT28C64B-25pc AT28C64B-25sc AT28C64B-25tc 32j 28p6 28s 28t commercial (0 c to 70 c) AT28C64B-25ji AT28C64B-25pi AT28C64B-25si AT28C64B-25ti 32j 28p6 28s 28t industrial (-40 c to 85 c) valid part numbers the following table lists standard atmel products that can be ordered. device numbers speed package and temperature combinations AT28C64B 15 jc, ji, pc, pi, sc, si, tc, ti AT28C64B 20 jc, ji, pc, pi, sc, si, tc, ti AT28C64B 25 jc, ji, pc, pi, sc, si, tc, ti AT28C64B ?w die products reference section: parallel eeprom die products
16 AT28C64B 0270i?peepr?08/03 package type 32j 32-lead, plastic j-leaded chip carrier (plcc) 28p6 28-lead, 0.600" wide, plastic dual inline package (pdip) 28s 28-lead, 0.300" wide, plastic gull wing small outline (soic) 28t 28-lead, plastic thin small outline package (tsop) w die
17 AT28C64B 0270i?peepr?08/03 packaging information 32j ? plcc drawing no. rev. 2325 orchard parkway san jose, ca 95131 r title 32j , 32-lead, plastic j-leaded chip carrier (plcc) b 32j 10/04/01 1.14(0.045) x 45? pin no. 1 identifier 1.14(0.045) x 45? 0.51(0.020)max 0.318(0.0125) 0.191(0.0075) a2 45? max (3x) a a1 b1 e2 b e e1 e d1 d d2 common dimensions (unit of measure = mm) symbol min nom max note notes: 1. this package conforms to jedec reference ms-016, variation ae. 2. dimensions d1 and e1 do not include mold protrusion. allowable protrusion is .010"(0.254 mm) per side. dimension d1 and e1 include mold mismatch and are measured at the extreme material condition at the upper or lower parting line. 3. lead coplanarity is 0.004" (0.102 mm) maximum. a 3.175 3.556 a1 1.524 2.413 a2 0.381 d 12.319 12.573 d1 11.354 11.506 note 2 d2 9.906 10.922 e 14.859 15.113 e1 13.894 14.046 note 2 e2 12.471 13.487 b 0.660 0.813 b1 0.330 0.533 e 1.270 typ
18 AT28C64B 0270i?peepr?08/03 28p6 ? pdip 2325 orchard parkway san jose, ca 95131 title drawing no. r rev. 28p6 , 28-lead (0.600"/15.24 mm wide) plastic dual inline package (pdip) b 28p6 09/28/01 pin 1 e1 a1 b ref e b1 c l seating plane a 0o ~ 15o d e eb common dimensions (unit of measure = mm) symbol min nom max note a ? ? 4.826 a1 0.381 ? ? d 36.703 ? 37.338 note 2 e 15.240 ? 15.875 e1 13.462 ? 13.970 note 2 b 0.356 ? 0.559 b1 1.041 ? 1.651 l 3.048 ? 3.556 c 0.203 ? 0.381 eb 15.494 ? 17.526 e 2.540 typ notes: 1. this package conforms to jedec reference ms-011, variation ab. 2. dimensions d and e1 do not include mold flash or protrusion. mold flash or protrusion shall not exceed 0.25 mm (0.010").
19 AT28C64B 0270i?peepr?08/03 28s ? soic 2325 orchard parkway san jose, ca 95131 title drawing no. r rev. 28s , 28-lead, 0.300" body, plastic gull wing small outline (soic) jedec standard ms-013 b 28s 8/4/03 dimensions in millimeters and (inches). controlling dimension: millimeters. top view side views 0.51(0.020) 0.33(0.013) 7.60(0.2992) 7.40(0.2914) 10.65(0.419) 10.00(0.394) 1.27(0.50) bsc 2.65(0.1043) 2.35(0.0926) 18.10(0.7125) 17.70(0.6969) 0.30(0.0118) 0.10(0.0040) 0.32(0.0125) 0.23(0.0091) 1.27(0.050) 0.40(0.016) 0o ~ 8o pin 1
printed on recycled paper. 0270i?peepr?08/03 xm disclaimer: atmel corporation makes no warranty for the use of its products, other than those expressly contained in the company?s standar d warranty which is detailed in atmel?s terms and conditions located on the company?s web site. the company assumes no responsibi lity for any errors which may appear in this document, reserves the right to change devices or specifications detailed herein at any time wi thout notice, and does not make any commitment to update the information contained herein. no licenses to patents or other intellectual property of atmel are granted by the company in connection with the sale of atmel products, expressly or by implication. atmel?s products are not aut horized for use as critical components in life support devices or systems. atmel corporation atmel operations 2325 orchard parkway san jose, ca 95131, usa tel: 1(408) 441-0311 fax: 1(408) 487-2600 regional headquarters europe atmel sarl route des arsenaux 41 case postale 80 ch-1705 fribourg switzerland tel: (41) 26-426-5555 fax: (41) 26-426-5500 asia room 1219 chinachem golden plaza 77 mody road tsimshatsui east kowloon hong kong tel: (852) 2721-9778 fax: (852) 2722-1369 japan 9f, tonetsu shinkawa bldg. 1-24-8 shinkawa chuo-ku, tokyo 104-0033 japan tel: (81) 3-3523-3551 fax: (81) 3-3523-7581 memory 2325 orchard parkway san jose, ca 95131, usa tel: 1(408) 441-0311 fax: 1(408) 436-4314 microcontrollers 2325 orchard parkway san jose, ca 95131, usa tel: 1(408) 441-0311 fax: 1(408) 436-4314 la chantrerie bp 70602 44306 nantes cedex 3, france tel: (33) 2-40-18-18-18 fax: (33) 2-40-18-19-60 asic/assp/smart cards zone industrielle 13106 rousset cedex, france tel: (33) 4-42-53-60-00 fax: (33) 4-42-53-60-01 1150 east cheyenne mtn. blvd. colorado springs, co 80906, usa tel: 1(719) 576-3300 fax: 1(719) 540-1759 scottish enterprise technology park maxwell building east kilbride g75 0qr, scotland tel: (44) 1355-803-000 fax: (44) 1355-242-743 rf/automotive theresienstrasse 2 postfach 3535 74025 heilbronn, germany tel: (49) 71-31-67-0 fax: (49) 71-31-67-2340 1150 east cheyenne mtn. blvd. colorado springs, co 80906, usa tel: 1(719) 576-3300 fax: 1(719) 540-1759 biometrics/imaging/hi-rel mpu/ high speed converters/rf datacom avenue de rochepleine bp 123 38521 saint-egreve cedex, france tel: (33) 4-76-58-30-00 fax: (33) 4-76-58-34-80 literature requests www.atmel.com/literature ? atmel corporation 2003 . all rights reserved. atmel ? and combinations thereof, are the registered trademarks of atmel corporation or its subsidiaries. other terms and product names may be the trademarks of others.


▲Up To Search▲   

 
Price & Availability of AT28C64B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X